Part Number Hot Search : 
74ABT MM3008 EL5132IS EFM104B CH16374A MAX6010 15031452 DB25PQR5
Product Description
Full Text Search
 

To Download 2SA489 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA489
DESCRIPTION With TO-220 package Low collector saturation voltage Short switching time APPLICATIONS Various inductance lamp drivers for electrical equipment Inverters;converters Power amplification Switching regulator ,driver
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -70 -60 -5 -4 30 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA489
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-30mA ,IB=0
-60
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA; IE=0
-70
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA; IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-1.0
V
VBEsat
Base-emitter saturation voltage
IC=-3A; IB=-0.3A
-1.5
V
ICBO
Collector cut-off current
VCB=-70V; IE=0
-10
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
|I
A
hFE
DC current gain
IC=-0.5A ; VCE=-5V
40
240
fT
Transition frequency
IC=-0.5A ; VCE=-5V
3
MHz
hFE Classifications R 40-80 O 70-140 Y 120-240
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA489
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA489

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X